PART |
Description |
Maker |
2BC-2B-107E 1BC-1A-109E HI-GITALIASRL-1BC-4A-140E |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.023A (COIL), 7VDC (COIL), 40mW (COIL), 2A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.014A (COIL), 7.1VDC (COIL), 25mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.032A (COIL), 3.2VDC (COIL), 25mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.071A (COIL), 1.4VDC (COIL), 25mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.014A (COIL), 12VDC (COIL), 40mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
HI-G ITALIA SRL
|
FTR-G1CN010W1 FTR-G1CN009W1 FTR-G1CN012W1 FTR-G111 |
COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications) POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.064A (COIL), 10VDC (COIL), 640mW (COIL), 25A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.053A (COIL), 12VDC (COIL), 640mW (COIL), 25A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. FUJITSU COMPONENT LTD
|
V23061-A1002-A302 V23061-A1002-A502 V23061-A1003-A |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.018A (COIL), 12VDC (COIL), 221mW (COIL), THROUGH HOLE-STRAIGHT MOUNT Miniature Power PCB Relay
|
Tyco Electronics
|
1BCN-4C-140E 1BCN-4A-112E 2BCN-4A-112E 2BCN-4A-106 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.008A (COIL), 40VDC (COIL), 320mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.027A (COIL), 12VDC (COIL), 324mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.027A (COIL), 12VDC (COIL), 324mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.055A (COIL), 6VDC (COIL), 330mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
HI-G ITALIA SRL
|
CR2-12V |
Twin Power Silent Automotive Relay POWER/SIGNAL RELAY, SPDT, LATCHED, 0.053A (COIL), 12VDC (COIL), 640mW (COIL), 10A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Panasonic, Corp.
|
FRL-274ND012_81AY-01A-001 FRL-274ND012_81CY-01A-00 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.142A (COIL), 12VDC (COIL), 1700mW (COIL), 30A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
|
FUJITSU COMPONENT LTD Fujitsu Media Devices Limited Fujitsu Component Limited.
|
1100860000 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 800mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
WEIDMULLER
|
ALZ21B05TW ALZ11B05W ALZ11B09TW |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.08A (COIL), 5VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.08A (COIL), 5VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.044A (COIL), 9VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
|
G8JN-1C6T-R-DC12 G8JN-1C6T-F-DC12 G8JN-1C6T-F-R-DC |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.16A (COIL), 12VDC (COIL), 1920mW (COIL), 35A (CONTACT), 16VDC (CONTACT), PANEL MOUNT Automotive Relay
|
Omron Electronics LLC
|
G8HN-1A2T-H62 G8HN-1A2T-H62-R G8HN-1C2T-R-12VDC G8 |
Micro ISO Automotive Relay POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.017A (COIL), 12VDC (COIL), 1309mW (COIL), 10A (CONTACT), 16VDC (CONTACT), PANEL MOUNT
|
Omron Electronics LLC http://
|
|